PART |
Description |
Maker |
1331 1332 1320G1BLACK 1327 1300 110G9 1377G1 1377G |
CONTACT 15A CRIMP/SOLDER POWERPOLE HOUSING & CONT.BLK POWERPOLE HOUSING RED POWERPOLE HOUSING & CONT.BLUE CONTACT 25A 90DEG PCB 0.7 CONTACT 25A VERTICAL PCB MTG POWERPOLE HOUSING & CONT. RED PLUG FREE LATCHED 6 WAY CONTACT 25A 90DEG PCB 0.4 联系25A90度板0.4 CONTACT 30A CRIMP/SOLDER 联系30A条卷 POWERPOLE HOUSING & CONT. RED POWERPOLE房屋 LOCKING PIN POWERPACK 锁销强力 POWERPOLE HOUSING GREEN POWERPOLE房屋
|
3M Company Anderson Power Products, Inc.
|
2N6796LCC4 |
N-Channel Power MOSFET(Vdss00VId(cont).4A,Rds(on).18ΩN沟道功率型MOS场效应管(Vdss00VId(cont).4A,Rds(on).18Ω
|
SEME-LAB[Seme LAB]
|
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
IRFE230 2N6798U |
N-Channel Power MOSFET(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续).8A时,RDS(上):0.46Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续).8A时,RDS(对):0.46Ω)) N-Channel N沟道
|
NXP Semiconductors N.V. TT electronics Semelab Limited Seme LAB
|
IRF9130SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
B1821BH075C300N B1821BH075C275N B1821BH038C275N B1 |
Cap Screws Cont
|
Fastenal
|
MC44604 |
High Safety Standby Ladder Mode GreenLine PWM Cont
|
ON Semiconductor
|
APT1101RSFLL |
Volts:1100V RDS(ON)1Ohms ID(cont):13Amps|FREDFETs ( fast body diode)
|
|
APT5024SLL APT5024BLL |
Volts:500V RDS(ON):0.24Ohms ID(cont:)22Amps|MOSFETs 电压00V电压的RDS(ON):0.24Ohms编号(续:)22安培| MOSFET
|
Advanced Power Technology, Ltd.
|
AT45DB1282NBSP AT45DB1282 |
128M bit, 2.7-Volt Only Dual-Interface Flash. This document is only available under NDA. Please cont From old datasheet system
|
Atmel Corp
|
2N5484 2N5485 2N5486 SST5484 SST5485 SST5486 |
High Frequency/General Purpose N-Channel JFETs MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:4.5A; Current, Idm pulse:-20A; Power, Pd:1.3W; Resistance, Rds on:0.04R; SMD:1; Charge, gate p MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:5.6A; Current, Idm pulse:-30A; Power, Pd:1.25W; Resistance, Rds on:0.025R; SMD:1; Charge, gate p
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
ICE3AR0680VJZ |
Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
|
Infineon Technologies A...
|